PART |
Description |
Maker |
IR2130J IR2130JPBF IR2130PBF IR2130S IR2130SPBF IR |
3 Phase Driver, Inverting Input, 0.8us Deadtime in a 28-lead SOIC package 3 Phase Driver, Inverting Input, 0.8us Deadtime in a mod. 44-lead PLCC package 3 Phase Driver, Inverting Input, 0.8us Deadtime in a 28-pin DIP package 3 Phase Driver, Inverting Input, 2.5us Deadtime in a 28-lead SOIC package 3 Phase Driver, Inverting Input, 2.5us Deadtime in a mod. 44-lead PLCC package 3 Phase Driver, Inverting Input, 2.5us Deadtime in a 28-pin DIP package 3-PHASE BRIDGE DRIVER
|
IRF[International Rectifier]
|
RYT-090524 RYT-091212 RYT-090505 RYT-090909 RST241 |
Recom International Power ECONOLINE - DC/DC - CONVERTER 1W DC/DC converter with 5V input, 15V/33mA output 1W DC/DC converter with 9V input, 15V/33mA output
|
Recom International Power
|
VR42050 |
POSITIVE VOLTAGE REGULATORS CONVERTER, DC/DC, 1O/P, 15W, 12V; Power rating:15W; DC/DC Converter O/P type:Single; Voltage, input max:75V dc; Voltage, input min:18V dc; Voltage
|
List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
PWR6011 PWR6016 PWR6018 PWR6010 PWR6012 PWR6017 PW |
1.8 Watt regulated DC/DC converter. Nom.input voltage 15VDC, rated output voltage 5VDC, rated output current 360mA. 1.8 Watt regulated DC/DC converter. Nom.input voltage 12VDC, rated output voltage -15VDC, rated output current -60mA. 1.8 Watt regulated DC/DC converter. Nom.input voltage 12VDC, rated output voltage -12VDC, rated output current -75mA. 1.8 Watt regulated DC/DC converter. Nom.input voltage 12VDC, rated output voltage 5VDC, rated output current 360mA. 1.8 Watt regulated DC/DC converter. Nom.input voltage 5VDC, rated output voltage -15VDC, rated output current -60mA. 1.8 Watt regulated DC/DC converter. Nom.input voltage 5VDC, rated output voltage -12VDC, rated output current -75mA. 1.8 Watt regulated DC/DC converter. Nom.input voltage 5VDC, rated output voltage 5VDC, rated output current 360mA. Analog IC 模拟IC 1.8 WATT UNREGULATED DC/DC CONVERTER 2-OUTPUT 1.8 W DC-DC REG PWR SUPPLY MODULE DIODE ZENER SINGLE 500mW 2.5Vz 20mA-Izt 0.05 100uA-Ir 1Vr DO35-GLASS 5K/AMMO 2-OUTPUT 1.8 W DC-DC REG PWR SUPPLY MODULE
|
Molex, Inc. Bourns, Inc. CANDD[C&D Technologies]
|
74300-0133 74300-2143 74300-1153 74300-2157 74300- |
HDM DC Stkg Mod Gde Opt ST2.5 72Ckt 72 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER HDM DC Stkg Mod PF 3.0 30 SAu 72 Ckt 72 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT HDM DC Stkg Mod Gde Op 13mm ST3.5 144Ckt 144 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER HDM DC Stkg Mod PF3.5 30 SAu 72 Ckt 72 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT HDM DC Stkg Mod Gde Opt ST3.0 72 Ckt 72 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
LWD-1205E LWD-1205T LWD-1209E LWD-2405E LWS-1205T |
DC-DC Converter UNIT 5 W WIDE INPUT RANGE DC-DC CONVERTER
|
http:// Power Systems GmbH Co.KG
|
HEC100-48S3P3 HEC100-48S3P3-K HEC100-48S3P3-L HEC1 |
Input range:36-75 VDC;output voltage:3.3 VDC; output current:25 A;input current:2.022 A; 100 W single output DC-DC converter Input range:36-75 VDC;output voltage:5/2.5 VDC; output current:20/25 A;input current:2.45 A; 100 W dual output DC-DC converter Input range:36-75 VDC;output voltage:2.5 VDC; output current:25 A;input current:1.608 A; 100 W single output DC-DC converter Input range:36-75 VDC;output voltage:1.8 VDC; output current:25 A;input current:1.157 A; 100 W single output DC-DC converter
|
Power Mate Technology
|
LXR1240-6M1 LXR1701-6 LXR1740-6M1 LXN1240-6M1 LXR- |
460 Watt, input voltage range:85-264/90-350V, output voltage 25.7-29.3V,(16.9A) AC/DC converter 345 Watt, input voltage range:85-264/90-350V, output voltage 25.7-29.3V,(12.6A) AC/DC converter 460 Watt, input voltage range:85-264/90-350V, output voltage 51.4-58.6V,(8.4A) AC/DC converter 375 and 500 Watt AC-DC Converters 37500瓦AC - DC转换 375 Watt, input voltage range:85-264/90-350V, output voltage 49.4V,(7.5A) AC/DC converter 345 Watt, input voltage range:85-264/90-350V, output voltage 51.4-58.6V,(6.3A) AC/DC converter
|
Vishay Intertechnology, Inc. POWER-ONE[Power-One] http://
|
FDD12-0515T4 FDD12-0515T5 FDD12-0512T4 FDD12-0512T |
12 W DC/DC converter,input voltage 18-72 V, output voltage 5/ /-15 V, output current 1.5A/ /-0.16A 12 W DC/DC converter,input voltage 10-36 V, output voltage 5/ /-15 V, output current 1.5A/ /-0.16A 12 W DC/DC converter,input voltage 18-72 V, output voltage 5/ /-12 V, output current 1.5A/ /-0.2A 12 W DC/DC converter,input voltage 10-36 V, output voltage 5/ /-12 V, output current 1.5A/ /-0.2A DC-DC CONVERTER 12W TRIPLE OUTPUT
|
CHINFA Electronics IND ETC[ETC] List of Unclassifed Manufacturers
|
|